Part Number Hot Search : 
1N28A NDUCTOR LA73076V 2M10V ISPLS 2SA1961 4N33300W P50N06
Product Description
Full Text Search
 

To Download RF101L2S11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fast recovery diod e rf101l2s ? applications ? dimensions (unit : mm) general rectification ? features 1)small power mold type. (pmds) 2)ultra low v f 3)ultra high switching speed 4)low switching loss ? construction silicon epitaxial ? structure ? taping dimensions (unit : mm) ? absolute maximum ratings (ta=25c) symbol unit v rm v v r v io a i fsm a tj c tstg c ? electrical characteristics (ta=25c) symbol min. typ. max. unit conditions forward voltage v f - 0.815 0.87 v i f =1.0a i r - 0.01 10 av r =200v reverse recovery time trr - 12 25 ns i f =0.5a,i r =1a,irr=0.25*i r reverse current ? land size figure (unit : mm) storage temperature ? 55 to ? 150 (*1)mounted on epoxy board. 180half sine wave parameter forward current surge peak (60hz ? 1cyc) 20 junction temperature 150 reverse voltage (dc) 200 average rectified forward current (*1) 1 parameter limits reverse voltage (repetitive) 200 pmds 2.0 4.2 2.0 4.00.1 2.90.1 4.00.1 2.00.05 1.550.05 5.50.05 1.750.1 120.2 1.55 9.50.1 0.3 5.30.1 0.05 2.8max rohm : pmds jedec : sod-106 manufacture date 6 6 0.10.02 0.1 2.60.2 2.00.2 5.00.3 1.20.3 4.50.2 1.50.2 1/3 2011.05 - rev.b data sheet www.rohm.com ? 2011 rohm co., ltd. all rights reserved.
rf101l2s 0 5 10 15 20 25 30 ave:12.2ns ta=25 if=0.5a ir=1a irr=0.25*ir n=10pcs forward voltagevf(mv) vf-if characteristics forward current:if(a) reverse current:ir(na) reverse voltagevr(v) vr-ir characteristics capacitance between terminals:ct(pf) reverse voltage:vr(v) vr-ct characteristics reverse current:ir(na) ir dispersion map capacitance between terminals:ct(pf) ct dispersion map ifsm disresion map peak surge forward current:ifsm(a) peak surge forward current:ifsm(a) number of cycles ifsm-cycle characteristics peak surge forward current:ifsm(a) time:t(ms) ifsm-t characteristics time:t(s) rth-t characteristics transient thaermal impedance:rth (/w) trr dispersion map reverse recovery time:trr(ns) f=1mhz 0.001 0.01 0.1 1 0 100 200 300 400 500 600 700 800 900 ta=150 ta=25 ta=-25 ta=75 ta=125 0.01 0.1 1 10 100 1000 10000 0 50 100 150 200 ta=150 ta=25 ta=-25 ta=75 ta=125 1 10 100 0 5 10 15 20 25 30 f=1mhz 0 10 20 30 40 50 60 70 80 90 100 ave:37.0pf ta=25 f=1mhz vr=0v n=10pcs 0 10 20 30 40 50 60 70 80 90 100 ta=25 vr=200v n=30pcs ave:11.1na 0 50 100 150 200 ave:63.0a 8.3ms ifsm 1cyc forward power dissipation:pf(w) average rectified forward currentio(a) io-pf characteristics 0 0.5 1 1.5 2 00.511.52 sin( ?180) d=1/2 dc vf dispersion map forward voltage:vf(mv) 800 810 820 830 840 850 ave:818.6mv ta=25 if=1a n=30pcs 0.1 1 10 100 1000 0.001 0.01 0.1 1 10 100 1000 rth(j-a) rth(j-c) 1m if=100ma 300u t ime mounted on epoxy board im=10ma 1 10 100 1000 1 10 100 8.3ms ifsm 1cyc 8.3ms 1 10 100 1000 1 10 100 t ifsm 2/3 2011.05 - rev.b www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
rf101l2s electrostatic discharge test esd(kv) esd dispersion map 0 5 10 15 20 25 30 no break at 30kv c=100pf r=1.5k c=200pf r=0 ave:13.6kv ambient temperature:ta() derating curve?(io-ta) average rectified forward current:io(a) average rectified forward current:io(a) case temparature:tc() derating curve?(io-tc) 0 1 2 3 0 25 50 75 100 125 150 t d=t/ t v t tj=150 d=t/t t vr io vr=100v 0a 0v dc d=1/2 sin( 180) 0 1 2 3 0 255075100125150 t t 0 0 t tj=150 d=t/t t vr io vr=100v 0a 0v dc d=1/2 sin( ?180) 3/3 2011.05 - rev.b www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
r 1 120 a ww w .rohm.com ? 20 1 1 rohm co., ltd. all rights reserved. notice rohm customer support system http://ww w . r ohm.com/contact/ thank you for your accessing to rohm p r oduct informations. mo r e detail p r oduct informations and catalogs a r e available, please contact us. notes


▲Up To Search▲   

 
Price & Availability of RF101L2S11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X